Part Number Hot Search : 
5KPA45CA MAX220 2SK3302 82333C S78L08F 74F74 8HC90 87833
Product Description
Full Text Search
 

To Download LVB2560-M3-45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 89393 for technical questions within your region, please contact one of the following: www.vishay.com revision: 20-dec-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 low v f single-phase single in-line bridge rectifiers lvb2560 vishay general semiconductor new product features ? ul recognition file number e54214, vol. 1 ? thin single in-iine package ? oxide planar chip junction ? low forward voltage drop ? high surge current capability ? high case dielectric strength of 2500 v rms ? solder dip 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition typical applications general purpose use in ac/dc bridge full wave rectification for switching power supply, home appliances and white-goods applications sp ecially for telecom power supply, high efficiency desktop pc and server smps: mechanical data case: gsib-5s epoxy meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test polarity: as marked on body mounting torque: 10 cm-kg (8.8 in-lbs) maximum recommended torque: 5.7 cm-kg (5 in-lbs) notes (1) unit case mounted on aluminum plate heatsink (2) units mounted on pcb without heatsink primary characteristics i f(av) 25 a v rrm 600 v i fsm 550 a i r 10 a v f at i f = 12.5 a, t a = 125 c 0.76 v t j max. 150 c case style gsib-5s ~ ~ ~ ~ maximum ratings (t a = 25 c unless otherwise noted) parameter symbol lvb2560 unit maximum repetitive pe ak reverse voltage v rrm 600 v maximum average forward rectified output current at t c = 105 c i o (1) 25 a t a = 25 c i o (2) 3.6 non-repetiitive peak forward surge current 8.3 ms single sine-wave, t j = 25 c i fsm 550 a rating for fusing (t < 8.3 ms) t j = 25 c i 2 t 1255 a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com for technical questions wi thin your region, please contact one of the following: document number: 89393 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 20-dec-10 lvb2560 vishay general semiconductor new product notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms notes (1) with heatsink (2) without heatsink, free air note (1) immunity to iec 61000-4-5 peak pu lse voltage test, 1.2/50 s, 2 ? , 5 times each of positive and negative polarity test ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - derating curve outp ut rectified current fig. 2 - forward current derating curve electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage i f = 12.5 a t a = 25 c v f (1) 0.89 0.92 v t a = 125 c 0.76 - reverse current per diode v r = 600 v t a = 25 c i r (2) 0.2 10 a t a = 125 c 140 - typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 1.8 - s typical junction capacitance 4.0 v, 1 mhz c j 330 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol lvb2560 unit maximum thermal resistance r ? ja (2) 25 c/w r ? jc (1) 1.0 emc surge immunity test standard (t a = 25 c, unless otherwise noted) standard test type test conditions symbol class value iec 61000-4-5 power supply coupling mode, li ne to line 1.2/50 s waveform, r = 2 ? , t a = 25 c (1) v peak -6 kv maximum ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode lvb2560-m3/45 7.1 45 20 tube 0 15 20 60 40 20 0 8 0 100 120 10 5 temperat u re (c) a v erage for w ard o u tp u t c u rrent (a) 140 160 25 30 with heatsink, sine-wa v e, r-load t c meas u rement am b ient temperat u re (c) a v erage for w ard rectified c u rrent (a) 5 4 0 0 25 50 75 100 125 150 3 2 1 without heat s ink s ine-wave, r-load, free air, t a
document number: 89393 for technical questions within your region, please contact one of the following: www.vishay.com revision: 20-dec-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 lvb2560 vishay general semiconductor new product fig. 3 - forward power dissipation fig. 4 - typical forward characteristics per diode fig. 5 - typical reverse characteristics per diode fig. 6 - typical juncti on capacitance per diode package outline dimensions in millimeters 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 forward power di ss ipation (w) average forward current ( a ) instantaneo u s for w ard voltage (v) instantaneo u s for w ard c u rrent (a) 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 t a = 100 c t a = 25 c t a = 125 c t a = 150 c percent of rated peak rever s e voltage (%) in s tantaneou s rever s e current (a) 0.01 0 .1 1 10 100 1000 10 20 30 40 50 60 70 80 90 100 t a = 25 c t a = 100 c t a = 150 c t a = 125 c 1000 1 10 100 re v erse voltage (v) j u nction capacitance (pf) 0.1 1 10 100 t j = 25 c f = 1 mhz v s tg = 50 mv p-p 2.5 0.2 2.2 0.2 1 0.1 10 0.2 7.5 0.2 4 0.2 5 20 0.3 17 . 5 0.5 11 0.2 2.7 0.2 3.5 0.2 3.2 0.2 0.7 0.1 4.6 0.2 3.6 0.2 + 7.5 0.2 30 0.3 case style gsib-5s
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of LVB2560-M3-45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X